PART |
Description |
Maker |
2SB564A |
Audio frequency power amplifier. Collector-base voltage Vcbo = -30V. Collector-emitter voltage Vceo = -25V. Emitter-base voltage Vebo = -5V. Collector dissipation Pc(max) = 800mW. Collector current Ic = -1.0A.
|
USHA India LTD
|
G2PM109NH-LF |
Designed for Ethernet 100/1000 BASE-T, full duplex applications
|
Bothhand USA, LP.
|
G4P109N-B-LF |
Designed for Ethernet 1000 BASE-T, full Quad port applications
|
Bothhand USA, LP.
|
AT49F008A-90CC AT49F008A-90CI AT49F008A-90TC AT49F |
90ns; 50mA; V(in): -0.6 to 6.25V; V(out): -0.6 to 0.6V; 8-megabit (1M x 8/512K x 16) falsh memory 70ns; 50mA; V(in): -0.6 to 6.25V; V(out): -0.6 to 0.6V; 8-megabit (1M x 8/512K x 16) falsh memory 120ns; 50mA; V(in): -0.6 to 6.25V; V(out): -0.6 to 0.6V; 8-megabit (1M x 8/512K x 16) falsh memory x8 Flash EEPROM x8闪存EEPROM x8/x16 Flash EEPROM
|
Atmel, Corp.
|
LT1800 LT1800CS5 LT1800CS8 LT1800IS5 LT1800IS8 180 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 4000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 From old datasheet system 80MHz, 25V/us Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz/ 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
PN5120A0ET PN5120A0HN PN5120A0HN1 PN512AA0HN1 |
Full NFC forum compliant solution (TFBGA64) Full NFC forum compliant solution, 8-bit parallel interface (HVQFN40) Full NFC forum compliant solution (HVQFN32) Full NFC forum compliant solution (AEC-Q100)
|
NXP Semiconductors
|
G1PM109N-VLF G1PM109N-V-LF |
1000 BASE ?T MAGNETICS MODULES Compliant with IEEE 802.3ab standard for 1000 BASE-T
|
Bothhand USA, LP.
|
MTJ108T11RLXM1 MTJ810T11RLXM1 MTJ88T11RLXM1 MTJ101 |
MAGNETICS TELEPHONE JACK INTEGRATED MAGNETICS & LEDs 10/100 BASE T & 1000 BASE T
|
Adam Technologies, Inc.
|
MAX218 MAX218CAP MAX218CPP MAX218CWP MAX218EAP MAX |
From old datasheet system 1.8V to 4.25V-Powered, True RS-232 Dual Transceiver 1.8V to 4.25V Powered, True RS-232 Dual Transceiver 1.8V to 4.25V-Powered / True RS-232 Dual Transceiver
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|